Part Number Hot Search : 
IRFF430R AL8807A DD870 HEF4019B A9108 B66305 FAN7530 74LS43
Product Description
Full Text Search
 

To Download MPI-925A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MPI-925A
250W AC-DC AT Power Supply
2.0 0.42 0.42
11.0
DC OUTPUT WIRES
Industrial Power Supply
14.4
15.0 0.5 13.80 4-TAPPING#6-32
14.0
AC-DC
6.4
2.7
1.6
Features
4.8 0.5 11.5
*Input Voltage: 90~265VAC *Input Frequency: 47~63Hz *Inrush Current: Does not exceed 30A at 115VAC input or 60A AC input, at cold start 25oC *Safety: UL 1950 / CSA 22.2 No.234 / VDE EN60950 *Load Range: When all outputs are at 60% rated load *EMI: FCC class B / EN55022B condition, the +5V output is set between 4.90~5.10V and all *EMS: Level 3 of IEC-801, 802, 803, 804 other outputs are within the specified voltage accuracy range *Ripple And Noise: Peak to peak ripple and noise for each output is < 1% of each output voltage at rated load Output PIN 115~230VAC +5V Red *Line Regulation: < +/-1% at rated load with +/-10% change +12V Yellow in input voltage -12V Brown *Load Regulation: The output voltage load regulation is less -5V Blue than the values on the table when each output loading changes Black GND +/-40% from 60% rated load while all other outputs at 60% White P.G. rated load *Hold Up Time: 14ms typ. from the last AC line charging pulse to the point when +5V drops down to +4.75V Output Min. Rated Max. Tolerance Voltage Load Load Load *Output Power: Total DC continuous power is within 200W at +5V 1A 25A 30A +/-0.1V 40oC ambient temperature. If the input voltage is < 100VAC, +12V 0A 10A 12A +/-0.72V total DC continuous power should not exceed 180W -12V 0A 1A 2A +/-0.6V *Power Good Signal: Goes high 100~500ms after all DC -5V 0A 1A 2A +/-0.25V output is ready *Power Failure: Goes low 1ms before any DC output falls *Efficiency: > 65% at nominal line and rated load *Altitude: 10,000 feet *Protection: Built-in crowbar circuit automatically shuts down outputs to avoid damaging external circuits. Trip point of O.V.P. circuit is between 5.7~7.0V *Temperature: 0~+70oC (operating); -40~+75oC (storage) www..com *Humidity: 5~95%; non-condensing at 40oC (operating) *Connectors: AC Input/Output: Meets IEC 320/CEE 22 standard Tab Terminals: Female 0.250" x 0.032" CPU Board: Alex 8500-06 or equivalent device 3.5" Disk Drive: AMP 1-480424-0/171822-4 or equivalent device *Dimensions: 14.0 x 15.0 x 8.62 cm with +/-0.8mm and +/0.4mm tolerance between mounting holes *MTBF: 156,598 hrs.
Safety Standards
www.boser.com.tw
2.4
3.72 8.62


▲Up To Search▲   

 
Price & Availability of MPI-925A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X